PART |
Description |
Maker |
PA6021-D20-T PA6021G-D20-T PA6021L-D20-T |
2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL 2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
|
Unisonic Technologies
|
APA2060QBI-TRG |
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
|
Anpec Electronics Coropration
|
AT49LV080 AT49LV080- AT49LV080T AT49LV080T-12CC AT |
LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO44 8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory 1M X 8 FLASH 3V PROM, 200 ns, PDSO44 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PBGA42 LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO40 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: LLP; No of Pins: 8 IGBT Chips; Package: --; Technology: IGBT 3; VDS (max): 1,200.0 V; IC (max): 15.0 A; VCE(sat) (max): 2.1 V; VGE(th) (min): 5.0 V; LM4920 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: LLP; No of Pins: 14 LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16
|
Micron Technology, Inc. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
TA1101B |
Stereo 10W (4? Class-T Digital Audio Amplifier using Digital Power Processing Technology Stereo 10W (4з) Class-T⑩ Digital Audio Amplifier using Digital Power Processing⑩ Technology Stereo 10W (4) Class-T Digital Audio Amplifier using Digital Power Processing Technology Stereo 10W (4з) Class-TDigital Audio Amplifier using Digital Power ProcessingTechnology
|
TRIPATH[Tripath Technology Inc.] ETC Electronic Theatre Controls, Inc.
|
MAX9702EUI MAX9702BEUI MAX9702ETI MAX9702BETI MAX9 |
1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
|
MAXIM[Maxim Integrated Products]
|
PAM8008 PAM8008DR |
3W STEREO CLASS-D with DC VOLUME, POWER LIMIT and ANTI-SATURATION 3W STEREO FILTERLESS CLASS-D AUDIO AMPLIFIER WITH DC VOLUME CONTROL AND POWER LIMIT
|
Diodes Incorporated
|
TDA8425 TDA8425_CNV_2 TDA8425/V7 |
TDA8425; Hi-fi stereo audio processor; ²C-bus From old datasheet system Hi-fi stereo audio processor; ²C-bus
|
PHILIPS
|
MAX9750CEUI MAX9750AETI MAX9755AEUI MAX9750 MAX975 |
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers 2.2 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC28 2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers 2.6 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC28
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
SM7498HL |
3W STEREO AUDIO POWER AMPLIFIER
|
SamHop Microelectronics
|
APA4863 APA4863OI-TU APA4863KI-TR APA4863KI-TU APA |
6 V, stereo 2.2 W audio power amplifier Stereo 2.2W Audio Power Amplifier
|
ANPEC[Anpec Electronics Coropration] ANPEC Electronics Corporation
|
YD2025A |
2.4W STEREO AUDIO POWER AMP
|
Wuxi Youda electronics Co.,LTD
|
APA2020ARI-TY APA2020A APA2020AKI-TR APA2020AKI-TU |
Stereo 2-W Audio Power Amplifier
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration]
|